PART |
Description |
Maker |
ISL4260E FN6035 ISL4260EIR ISL4260EIR-T |
QFN Packaged/ 15kV ESD Protected/ 3V to 5..5V/ 150nA/ 250kbps/ RS-232 Transmitters/Receivers with Separate Logic Supply From old datasheet system RS-232 Transceiver, 3T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000) with VL
|
Intersil
|
ISL3232EIRZ |
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
ISL4221E ISL4221EIR ISL4221EIRZ ISL4223E ISL4223EI |
QFN Packaged, 隆戮15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
ISL3241E ISL3241EIRZ ISL3241EIRZ-T ISL3243E ISL324 |
QFN Packaged, 隆戮15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
|
Intersil Corporation
|
MAX1406 MAX1406CPE MAX1406CAE MAX1406CWE MAX1406EA |
±15kV ESD-Protected, EMC Compliant, 230kbps, 3 Tx/3 Rx RS-232 IC 15kV ESD-Protected / EMC-Compliant / 230kbps / 3-Tx/3-Rx RS-232 IC 【15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC 15kV ESD-Protected EMC-Compliant 230kbps 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant,230kbps, 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDIP16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3314E MAX3314ECKA-T MAX3314ECSA MAX3314ECUA MAX |
±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceiver ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceiver 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceiver 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceiver 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceiver 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3097 MAX3097E MAX3097ECEE MAX3097ECPE MAX3097EC |
±15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDIP16 ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDSO16 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection 5kV ESD保护2MbpsV/5V,三RS-422/RS-485接收器的故障检 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD保护2MbpsV/5V、三RS-422/RS-485接收器,带有故障检 Video/Imaging Fixed-Point Digital Signal Processor 548-FCBGA 15kV ESD-Protected / 32Mbps / 3V/5V / Triple RS-422/RS-485 Receivers with Fault Detection " ?à15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection" 15kV ESD-Protected 32Mbps 3V/5V Triple RS-422/RS-485 Receivers with Fault Detection ??5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection From old datasheet system 【15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection
|
http:// MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAX3098E MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HIN202E HIN206E HIN207E HIN208E HIN211E HIN213E HI |
RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=8mA RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/4R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000) , 0.1F Capacitors, Two Active Receivers in Shutdown Mode RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=5mA
|
Intersil
|
CPDF24V0U-HF |
Halogen Free ESD Diodes, V-C=50V, V-ESD=15kV SMD ESD Protection Diode
|
Comchip Technology
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CSPEMI307AG CSPEMI307A |
4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB 4通道的ESD / EMI滤波器阵列加4通道的USB的ESD阵列 4 Channel EMI Filters with ESD Protection @ ±15kV plus 4 Channel ESD Protection Array @ ±15KV(IEC61000-4-2 Level 4 Contact ...
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
|